Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 207 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 207 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 203Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 204Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 205Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 206Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 207Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 208Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 209Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 210Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 211Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
207
3.7.26
PORT2_EG_RATE_CTRL0
Address 0x08D0
SFT&HW RST
Table 3-177, “Port 2 Rate Limit Control Register 0,” on page 207 summerizes the
PORT2_EG_RATE_CTRL0 Register 0
Table 3-177.
Port 2 Rate Limit Control Register 0
4
R/W
0
EGRESS_MANAGE_RATE_EN_1
Enable management frame to be
calculate to egress rate limit .
3
R/W
0
EGRESS_RATE_EN_1
Enable port-based rate limit. Rate is set
at EG_PRIO_CIR
Enable port-based max burst size also.
Max burst size is set at EG_PRIO_CBS
2:0
R/W
3'h2
EG_TIME_SLOT_1
Egress rate limit time slot control
register.
3'h0: 1/128 ms
3'h1: 1/64 ms
3'h2: 1/32 ms
3'h3: 1/16 ms
3'h4: 1/4 ms
3'h5: 1 ms
3'h6: 10 ms
3'h7: 100 ms
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI1_CIR_2
Egress Rate Limit for priority 1.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 1. if these bits
are set to 15'h0, no priority 1 frame
should be send out from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com