Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 254 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 254 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 250Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 251Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 252Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 253Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 254Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 255Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 256Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 257Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 258Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 394 page
background image
254 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
254 • June 2011
COMPANY CONFIDENTIAL
Table 3-231.
Port 6 Flow Control Threshold Control Register
3.7.81
ACL_POLICY_MODE
Address 0x09F0
SFT&HW RST
Table 3-232, “ACL Policy Register,” on page 254 summarizes the ACL_POLICY_MODE Register
Table 3-232.
ACL Policy Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23:16
R/W
'h3A
PORT_XON_THRES_6
Port base transmit on threshold. When
block memory used by one port less
than this value, mac would send out
pause off frame, and link partner will
start transmit frame out.
15:8
R/O
0
RESERVED
7:0
R/W
'h4A
PORT_XOFF_THRES_6
Port base transmit off threshold. When
block memory used by one port more
than this value, mac would send out
pause on frame, and link partner will
stop transmit frame out.
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
ACL_SEL_31
See bit [0]
30
R/W
0
ACL_SEL_30
See bit [0]
29
R/W
0
ACL_SEL_29
See bit [0]
28
R/W
0
ACL_SEL_28
See bit [0]
27
R/W
0
ACL_SEL_27
See bit [0]
26
R/W
0
ACL_SEL_26
See bit [0]
25
R/W
0
ACL_SEL_25
See bit [0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com