Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 261 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 261 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 257Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 258Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 259Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 260Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 261Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 262Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 263Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 264Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 265Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
261
3.7.86
ACL_RATE_CTRL0_1
Address 0x0A08
SFT&HW RST
Table 3-237, “ACL Rate Control Register 0,” on page 261 summerizes the ACL_RATE_CTRL0_1 Register
0
Table 3-237.
ACL Rate Control Register 0
3.7.87
ACL_RATE_CTRL1_1
Address 0x0A0C
SFT&HW RST
19:18
R/W
2'b01
ACL_RATE_TIME_SLOT_0
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot
17:15
R/W
0
ACL_EBS_0
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_0
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_1
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_1
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com