Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 272 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 272 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 268Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 269Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 270Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 271Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 272Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 273Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 274Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 275Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 276Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 394 page
background image
272 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
272 • June 2011
COMPANY CONFIDENTIAL
3.7.102 ACL_RATE_CTRL0_9
Address 0x0A48
FT&HW RST
Table 3-253, “ACL_9 Rate Control Register 0,” on page 272 summerizes the ACL_RATE_CTRL0_9
Register 0
Table 3-253.
ACL_9 Rate Control Register 0
3.7.103 ACL_RATE_CTRL1_9
Address 0x0A4C
SFT&HW RST
Table 3-254, “ACL_9 Rate Control Register 1,” on page 273 summerizes the ACL_RATE_CTRL1_9
Register 1
17:15
R/W
0
ACL_EBS_8
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_8
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_9
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_9
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com