Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 291 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 291 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 287Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 288Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 289Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 290Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 291Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 292Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 293Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 294Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 295Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
291
3.7.132 ACL_RATE_CTRL0_24
Address 0x0AC0
SFT&HW RST
Table 3-283, “ACL_24 Rate Limit Control Register 0,” on page 291 summerizes the
ACL_RATE_CTRL0_24 Register 0
Table 3-283.
ACL_24 Rate Limit Control Register 0
3.7.133 ACL_RATE_CTRL1_24
Address 0x0AC4
SFT&HW RST
Table 3-284, “ACL_24 Rate Limit Control Register 1,” on page 291 summerizes the
ACL_RATE_CTRL1_24 Register 1
Table 3-284.
ACL_24 Rate Limit Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_24
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_24
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ACL_BORROW_EN_24
Borrow enable
22
R/W
0
ACL_RATE_UNIT_24
1: Packets/ 0: bytes
21
R/W
0
ACL_CF_24
Coupling flag for ingress rate limit
20
R/W
0
ACL_CM_24
Color mode for ingress rate limit
19:18
R/W
2'b01
ACL_RATE_TIME_SLOT_24
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com