Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 302 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 302 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 298Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 299Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 300Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 301Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 302Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 303Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 304Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 305Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 306Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 394 page
background image
302 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
302 • June 2011
COMPANY CONFIDENTIAL
3.7.149 PORT0_ING_RATE_CTRL1
Address 0x0B04
SFT&HW RST
Table 3-300, “Port 0 Ingress Rate Limit Control Register 1,” on page 302 Port 0 Ingress Rate Limit
Controlsummerizes the Register 1
Table 3-300.
Port 0 Ingress Rate Limit Control Register 1
3.7.150 PORT0_ING_RATE_CTRL2
Address 0x0B08
SFT&HW RST
Table 3-301, “Port 0 Ingress Rate Limit Control Register 2,” on page 303 summerizes the
PORT0_ING_RATE_CTRL2 Register 2
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ING_BORROW_EN_0
Borrow enable
22
R/W
0
ING_RATE_UNIT_0
1: Packets/ 0: bytes
21
R/W
0
ING_CF_0
Coupling flag for ingress rate limit
20
R/W
0
ING_CM_0
Color mode for ingress rate limit
19:18
R/W
2'b01
ING_RATE_E_TIME_SLOT_0
Excess Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
17:15
R/W
0
ING_EBS_0
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ING_EIR_0
Excess Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com