Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 381 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 381 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 377Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 378Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 379Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 380Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 381Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 382Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 383Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 384Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 385Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
381
3.13.10 EEE LP Advertisement
Address Offset: 0x3D (Hex)
Device Address = 7
Table 3-410 summarizes the Register
Table 3-410.
EEE LP Advertisement
Table 3-409.
EEE Advertisement
Bit
Symbol
Type
Description
15:3
Reserved
Mode
R/O
Always 0.
HW Rst
0
SW Rst
0
2
EEE_1000BT
Mode
R/W
If Local device supports EEE operation
for 1000BT, and EEE operation is
desired, this bit shall be set to 1.
HW Rst
1’b1
SW Rst
Retain
1
EEE_100BT
Mode
R/W
If Local device supports EEE operation
for 100BT, and EEE operation is
desired, this bit shall be set to 1.
HW Rst
1’b1
SW Rst
Retain
0
Reserved
Mode
R/O
Always 0.
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description
15:3
Reserved
Mode
R/O
Always 0.
HW Rst
0
SW Rst
0
2
EEE_1000BT
Mode
R/O
If Local device supports EEE operation
for 1000BT, and EEE operation is
desired, this bit shall be set to 1.
HW Rst
0
SW Rst
0
1
EEE_100BT
Mode
R/O
If Local device supports EEE operation
for 100BT, and EEE operation is
desired, this bit shall be set to 1.
HW Rst
0
SW Rst
0
0
Reserved
Mode
R/O
Always 0.
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com