Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 390 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 390 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 386Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 387Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 388Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 389Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 390Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 391Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 392Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 393Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 394Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 390 / 394 page
background image
390 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
390 • June 2011
COMPANY CONFIDENTIAL
Table 4-10.
MDIO Timing
4.6 Typical Power Consumption Parameters
The following conditions apply to the typical
characteristics unless otherwise specified:
DVDD/AVDD = 1.1 V
VDD33 = 3.3V
Tamb = 25 °C
Table 4-11 shows the typical power drain on
each of the on-chip power supply domains as a
function of the AR8327’s operating mode.
Symbol
Parameter
Min
Typ
Max
Unit
tmdc
MDC Period
100
ns
tmdcl
MDC Low Period
40
ns
tmdch
MDC High Period
40
ns
tmdsu
MDIO to MDC rising setup time
10
ns
tmdhold
MDIO to MDC rising hold time
10
ns
Table 4-11.
Total System Power (1000 Base-T)
Link Type
Link Status
3.3V (mA) 1.1V (mA)
Power
Consumption
(mW)
no link
30
81
188.1
1000M
All Ports Active
294
753
1798.5
Two Ports Active
126
376
829.4
Three Ports Active
185
520
1182.5
Four Ports Active
244
627
1494.9
100M
All Ports Active
110
209
592.9
Two Ports Active
58
129
333.3
Three Ports Active
80
160
440
Four Ports Active
94
182
510.4
1000M
All Ports 802.3az Enabled
114
—
376.2
100M
All Ports 802.3az Enabled
100
—
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com