Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
11 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
3.5 EEPROM interface /SMI (Serial Management interface)
Pin No.
Label
Type
Description
EEPROM (only 24C02, 24C04, 24C08 & 24C16 supported)
38
SCL/MDC
IPL/I
After reset, it is used as clock pin SCL of EEPROM. Its period is
longer than 10us. IP175G/GH stops reading EEPROM if it finds
there is no 0x55AA pattern in address 0.
After reading EEPROM, this pin will switch to SMI mode MDC
input.
39
SDA/MDIO
IPH,
I/O
After reset, it is used as data pin SDA of EEPROM.
A bi-directional multi-drop bus for accessing the internal registers.
It’s recommended to add a 4.7K pull up resistor connecting to
PVDD and a 30pf capacitor connecting to ground.
After reading EEPROM, this pin will switch to SMI mode MDIO for
read/write internal register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com