Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
42 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.5
Register Page mode Control Register
Table 11 Register Page mode Control Register table
MII register 20 of PHY0~4 (Each PHY has its own MII register 20 with different PHY address)
PHY
MII
R/W
Description
Default
Page Control Register
2
3
4
6
7
20[4:0]
RW
Reg16~31_Page_Sel[4:0]
00000
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
6.6
WOL+ Control Register
Table 12 WOL+ Control Register table
page
MII
R/W
Description
Default
PHY WOL+ Control Register
16.[15]
RW
WOL+ Interrupt Enable
Set high to enable WOL+ interrupt
1=Enable
0=Disable
0
16.[14]
RW
WOL+ Level Trigger
This bit is used to select the output mode of WOL+ interrupt.
1=Level trigger (Low goes high or high goes low when WOL+
interrupt)
0=Edge trigger (Positive pulse or negative pulse when WOL+
interrupt)
1
16.[13]
RW
WOL+ Positive Trigger
This bit is used to select the polarity of WOL+ interrupt.
1=Low goes high or positive pulse
0=High goes low or negative pulse
0
16.[12]
RW
Sense Link Change
Set high to enable WOL+ interrupt when link change is sensing.
1=Enable
0=Disable
1
16.[11]
RW
Sense Magic Packet
Set high to enable WOL+ interrupt when magic packet is
receiving.
1=Enable
0=Disable
1
4
16.[10]
RW
Sense Any Packet
Set high to enable WOL+ interrupt when any packet is receiving.
1=Enable
0=Disable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com