Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
20 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
4.8
CoS
IP175G/GH supports two types of CoS. One is port base priority function and the other is frame base
priority function. IP175G/GH supports two levels of priority queues. A high priority packet will be queued
to the high priority queue to share more bandwidth. The ratio of bandwidth of high priority and low priority
queue is defined in MII register 20.1[15] or EEPROM 3[7].
4.8.1 Port base priority
The packets received from high priority port will be handled as high priority frames if the port base priority
is enabled. It is enabled by programming the corresponding bit in MII register 21.0[9] ~ 21.4[9] or
EEPROM register 65[1] ~73[1]. Each port of IP175G/GH can be configured as a high priority port
individually.
4.8.2 Frame base priority
4.8.2.1 VLAN tag and TCP/IP TOS
IP175G/GH examines the specific bits of VLAN tag and TCP/IP TOS for priority frames if the frame base
priority is enabled. The packets will be handled as high priority frames if the tag value meets the high
priority requirement, that is, VLAN tag or TCP/IP TOS field bigger than 3. It is enabled by programming
the corresponding bit in MII register 21.0[10]~21.7[10]. The frame base priority function of each port can
be enabled individually.
IP175G/GH supports an easy way to enable a sub set of CoS function without programming MII registers.
Frame base priority function of all ports is enabled if pin 37 COS_ENDIS is pulled low. The setting in
register takes precedence of the setting on pins.
VLAN field
TCI difinition
bit [15:13] : User ptiority 7~0
TYPE= 8100 TCI(Tag Control Information)
bit 12 : Canoical Format Indicator (CFI)
Byte
12~13
14~15
bit [11:0] : VLAN ID
IP175G/GH uses bit[15:13] to define priority.
ToS field
IP header difinition
Byte 14
TYPE= 0800
IP header
bit [7:0] : IP protocol version number & header length
Byte
12~13
14~15
bit [11:0] : VLAN ID
IP175G/GH uses bit[15:13] to define priority.
Byte 15 : Service type
bit [7:5] : IP Priority (Precedence) from 7~0
bit 4 : No Delay (D)
bit 3 : High Throughput
bit 2 : High Reliability (R)
bit [1:0] : Reserved
IP175G/GH uses bit[7:5] to define priority.
0~3 : Low priority
4~7 : High priority
Figure 8
VLAN tag and TCP/IP TOS frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com