Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
27 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
4.16 Fiber port configuration
Port 4 of IP175GH can be configured to be a fiber port or a TP port individually. A port becomes a fiber
port if its FXSDx is connected to a fiber MAU or pulled to high. A port becomes a TP port if it’s FXSDx is
pulled low.
Table 5 Fiber port Parameter
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Fiber Rx common mode Voltage
VFRC
-
AVDD*0.6
-
V
Fiber Rx differential mode Voltage
VFRD
0.4
-
-
V
PVDD = 3.3V
Voltage on FXSDx
TP port
Fiber port
Fiber signal detect
Condition
< 0.4 V
Yes
--
--
> 1.2 V < 1.7 V
--
Yes
Off
Fiber unplugged
> 1.95 V < 3.3 V
--
Yes
On
Fiber plugged
Figure 15
Fiber FXSD application circuit
3V
5V
R1
1K
470
R2
100
300
R3
910
330
Fiber
MAU
IP175GH
FXSD
SD
R1
R2
R3
PVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com