Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
56 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.22 Switch control registers (II)
PHY
MII
R/W
Description
Default
[15:14]: Reserved
[13]: DIFFSERV_EN
[12]: BF_FFFF_ONLY
1: broadcast DA=FFFFFFFF
0: broadcast DA=FFFFFFFF and multicast frame
30[15:8]
R/W
[11:8]: special_add_forward
8’h0d
30[7]
R/W
FWD_MAC_CTL
Forward MAC control frame, the MAC control frame is identified
by Ether/Type field (0x8808).
1: forward (default),
0: discard.
1’b1
21
30[6:2]
Reserved
21
30[1:0]
R/W
Drop extra long packet
Max forwarded packet length
2’b00: 1536 bytes (default)
2’b01: 1552 bytes
2’b10: 1518 bytes
2’b11: resreved
2’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com