Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
31 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
Status Register
1.15
RO
100Base-T4 capable
1 = 100Base-T4 capable
0 = not 100Base-T4 capable
IP175G/GH does not support 100Base-T4. This bit is fixed to be 0.
0
1.14
RO
100Base-X full duplex Capable
1 = 100Base-X full duplex capable
0 = not 100Base-X full duplex capable
1
1.13
RO
100Base-X half duplex Capable
1 = 100Base-X half duplex capable
0 = not 100Base-X half duplex capable
1
1.12
RO
10Base-T full duplex Capable
1 = 10Base-T full duplex capable
0 = not 10Base-T full duplex capable
1
1.11
RO
10Base-T half duplex Capable
1 = 10Base-T half duplex capable
0 = not 10Base-T half duplex capable
1
1[10:7]
RO Reserved
0
1.6
RO
MF preamble Suppression
1 = preamble may be suppressed
0 = preamble always required
1
1.5
RO
Auto-Negotiation Complete
1 = Auto-Negotiation complete
0 = Auto-Negotiation in progress
When read as logic 1, indicates that the Auto-Negotiation process has
been completed, and the contents of register 4 and 5 are valid. When
read as logic 0, indicates that the Auto-Negotiation process has not
been completed, and the contents of register 4 and 5 are
meaningless. If Auto-Negotiation is disabled (bit 0.12 set to logic 0),
then this bit will always read as logic 0.
0
1.4
RO
LH
Remote fault
1 = remote fault detected
0 = not remote fault detected
When read as logic 1, indicates that IP175G/GH has detected a
remote fault condition. This bit is set until remote fault condition gone
and before reading the contents of the register. This bit is cleared after
IP175G/GH reset.
0
1.3
RO
Auto-Negotiation Ability
1 = Auto-Negotiation capable
0 = not Auto-Negotiation capable
When read as logic 1, indicates that IP175G/GH has the ability to
perform Auto-Negotiation.
1
2
3
4
6
7
1.2
RO
LL
Link Status
1 = Link Pass
0 = Link Fail
When read as logic 1, indicates that IP175G/GH has determined a
valid link has been established. When read as logic 0, indicates the
link is not valid. This bit is cleared until a valid link has been
established and before reading the contents of this registers.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com