Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
17 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
Figure 3
WOL+ Application Diagram
The IP175G/GH WOL+ function will be active if a port’s RX is in idle state for a period time and this
port WOL+ function is enabled (by Reg 20.10[15:8]). This period time can be configured by WOL+ timer
register (Reg22.10).
This port will be wake up if
a) Sense magic packet;
b) Sense link change;
c) Sense any packet;
The packet format of Magic packet is showing as follows, source address=0x112233445566 for
example, repeat this source address 16 times at least.
Received Packet
0xFFFFFFFFFFFF
0X112233445566
0X112233445566
0X112233445566
0X112233445566
0X112233445566
0X112233445566
Figure 4 Magic Packet Format
4.4
Force Power Off
When “Force power off enable” (pin 28) is pull low for 3 seconds,IP175G/GH will enter force power
off mode.If “Force power off enable” pin pull low for 3 seconds again, IP175G/GH will return normal
mode.
The expired timer (default value is 3 seconds) is configurable in “FORCE_POWER_OFF_TIME” (MII
Register 21.10[7:6]).
Figure 5
Force Power Off Application Diagram
>16 times
Force ON / OFF
( rBOM = 1 push buttom,the others take care by the chip.)
IP175G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com