Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
51 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
9[9:8]
R/W
UNIT_LOW_THR_SEL
2’b00
9[7:6]
R/W
UNIT_HIGH_THR_SEL[1;0].
Output Queue Flow control ON threshold selection
If share buffer is over share buffer full threshold, Output Queue Flow
control ON threshold will be dynamic changed to 28.
Others,
00: 50 units
01: 70 units
10: 90 units
11: 110 units
2’b00
9[5]
Reserved
9[4]
R/W
PREDROP_EN
1: Drop an incoming broadcast packet if any port is congested.
0: forward an incoming broadcast packet to un-congested ports
instead of congested ports.
1’b0
9[3:2]
R/W
PKT_LOW_THR_SEL[1:0].
Packet low water mark threshold selection
00: 40 units
01: 30 units
10: 20 units
11: 10 units
2’b00
9[1:0]
R/W
PKT_HIGH_THR_SEL[1:0].
Packet high water mark threshold selection
00: 50 units
01: 40 units
10: 30 units
11: 20 units
2’b00
21
10[15]
RESERVED
21
10[14:12]
R/W
DRIVER[2:0]
Pad Drive Current
000: 0 mA
001: 1.5 mA
010: 4.6 mA (default)
011: 9.9 mA
100: 9.9 mA
101: 9.9 mA
110: 15.1 mA
111: 18.4 mA
3’b
010
21
10[11]
R/W
BF_STM_EN_QM
1’b0
21
10[10]
R/W
HP_DIS_FLOW_EN
Disable flow control when recived high priority packet
1’b0
21
10[9]
R/W
TWOPART
1’b1
21
10[8]
R/W
ALLPASS
All packet forwarded include CRC packet.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com