Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
32 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
Status Register
1.1
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
When read as logic 1, indicates that IP175G/GH has detected a
jabber condition. This bit is always 0 for 100Mbps operation and is
cleared after IP175G/GH reset. When the duration of TXEN exceeds
the jabber timer (21ms), the transmission and loop back functions will
be disabled and the COL is active. After TXEN goes low for more than
500 ms, the transmitter will be re-enabled.
0
1.0
RO
Extended capability
1 = Extended register capabilities
0 = No extended register capabilities
IP175G/GH has extended register capabilities.
1
PHY
MII
R/W
Description
Default
PHY Identifier 1 Register
2
3
4
6
7
2
RO
IP175G/GH OUI (Organizationally Unique Identifier) ID, the MSB is 3
rd
bit of IP175G/GH OUI ID, and the LSB is 18
th bit of IP175G/GH OUI
ID. IP175G/GH OUI is 0090C3.
16’h0243
PHY
MII
R/W
Description
Default
PHY Identifier 2 Register
3[15:10]
RO
PHY identifier
IP175G/GH OUI ID, the MSB is 19
th bit of IP175G/GH OUI ID, and
LSB is 24
th bit of IP175G/GH OUI ID.
6’h03
3[9:4]
RO
Manufacture’s Model Number
IP175G/GH model number
6’h18
2
3
4
6
7
3[3:0]
RO
Revision Number
IP175G/GH revision number
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com