Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
45 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
ROM
R/W
Description
Default
20
1[6]
R/W
BF_STM_EN, Broadcast storm enable
1: enable
IP175G/GH drops the incoming packet if the number of
broadcast packet in queue is over the threshold.
0: disable
P(0)
AGING. Aging time of address table selection
An address tag in hashing table will be removed if this
function is turned on and its aging timer expires.
Aging time
note
00
no aging
01
30s
10
300s
default
20
1[3:2]
R/W
11
reserved
2’b10
20
1[1]
R/W
MODBCK. Turn on modified back off algorithm
The maximum back off period is limited to 8-slot time if this
function is turned on.
1: turn on, 0: turn off
1'b0
20
1[0]
2[0]
R/W
LEARN_DIS_PAUSE
0: Enable to learn the SMAC of the received PAUSE frame.
1: Disable.
1’b0
6.8
Test mode control registers
Table 14 Test mode control registers table
PHY
MII
R/W
Description
Default
Test mode control registers
20
2[15:10]
R/W
TMODE_SEL. Test mode selection
This function is for testing only. The default value must be adopted
for normal operation.
6’h00
20
2[8]
Reserved
20
2[7]
R/W
INPUT_FILTER
Packet is filtered in input port.
1: perform input filtering when queue full
0: no operation (default)
0
20
2[6:5]
R/W
HASH_MODE
MAC address table hashing mode
00: direct + CRC mapping (default)
11: direct mapping
2’b00
20
2[4:1]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com