Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
37 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.2
MMD Control Register
Table 8 MMD Control Register table
PHY
MII
R/W
Description
Default
MMD Access Control Register
13[15:14]
R/W
Function
00 = address
01 = data, no post increment
10 = data, post increment on reads and writes
11 = data, post increment on writes only
0
13[13:5]
R/W
Reserved
Write as 0, ignore on read
0
2
3
4
6
7
13[4:0]
R/W
DEVAD
Device Address
0
PHY
MII
R/W
Description
Default
MMD Access Address Data Register
2
3
4
6
7
14[15:0]
R/W
Address Data
If 13.15:14 = 00, MMD DEVAD’s address register.
Otherwise, MMD DEVAD’s data register as indicated by the
contents of its address register
0
Example 1, Read 2.3.20 (Read Data from MMD register 3.20 of PHY address 2):
1.
Write 2.13 = 0x0003 //MMD DEVAD 3
2.
Write 2.14 = 0x0014 //MMD Address 20
3.
Write 2.13 = 0x4003 //MMD Data command for MMD DEVAD 3
4.
Read 2.14
//Read MMD Data from 2.3.20
Example 2, Write 3.7.60 = 0x3210 (Write 0x3210 Data to MMD register 7.60 of PHY address 3):
1.
Write 3.13 = 0x0007 //MMD DEVAD 7
2.
Write 3.14 = 0x003C //MMD Address 60
3.
Write 3.13 = 0x4007 //MMD Data command for MMD DEVAD 7
4.
Write 3.14 = 0x3210 //Write MMD Data 0x3210 to 3.7.60
6.3
MMD Data Register
Table 9 MMD Data Register table
PHY
MII
R/W
Description
Default
PCS control 1 Register
3.0[15:11]
RO
Reserved
Ignore when read
0
3.0.10
R/W
Clock stop enable
1 = IP175G/GH may stop xMII Rx clock during LPI
0 = Clock not stoppable
0
2
3
4
6
7
3.0[9:0]
RO
Reserved
Ignore when read
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com