Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
13 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
3.7 LED interface
Pin no.
Label
Type
Description
LED
37
36
35
33
32
31
LINK_LED0
LINK_LED1
LINK_LED2
LINK_LED3
LINK_LED4
F_POWER_OFF
_LED
IPH/O
LINK LED
It should be connected to PVDD through a LED and resistor.
Application circuit
Force Power Off function LED
When normal operation output low can used by power LED
display.
Serial LED (Enable by MII page 3 register 16)
36
SDATA
IPH/O
LED serial data
37
SCLK
PH/O
LED serial clock
It is a 312.5KHz clock.
3.8 Power & ground pads
Pad no.
Label
Type
Description
6
PLLGND
P
Ground of PLL circuit
7
PLLVCC
P
Power of PLL circuit
27,40
DVDD
P
Digital Core power
These pins must be connect to pin 41 VREG_LDO via a resister
or bead, do not connect to external power supply.
43,13
AV10
P
Analog power
These pins must be connect to pin 41 VREG_LDO via a resister
or bead, do not connect to external power supply.
12,18,48
AV33
P
3.3V Analog power
34
PVDD
P
3.3V D power
49
E-pad GND
P
Exposed pad for system ground, must be soldered to PCB
ground plane
F_POWER_OFF_LED
R
PVDD
LINK_LEDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com