Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
60 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
2[9:8]
R/W
ACCEPTABLE_FRM_TYPE[1:0]
Acceptable Frame Type
2’b00 Admit all frames (default)
2’b01 Admit VLAN-tagged frames
2’b10 Admit Untagged frames
2’b11 Reserved
2’b00
2[7:0]
R/W
VLAN_INGRESS_FILTER[7:0]
VLAN Ingress Filter associated with each port
If ingress filter for a given port is set, frame shall discard on that port
whose VLAN classification does not include that port in it member set.
8’hFF
23
3
RESERVED
6.26.3 Default VLAN Information
PHY
MII
R/W
Description
Default
7[15:0]
R/W
VLAN_INFO_0.
Port 2 default VLAN information value (PVID_0)
16’h0001
8[15:0]
R/W
VLAN_INFO_1.
Port 3 default VLAN information value (PVID_1)
16’h0001
9[15:0]
R/W
VLAN_INFO_2.
Port 4 default VLAN information value (PVID_2)
16’h0001
11[15:0] R/W
VLAN_INFO_3.
Port 6 default VLAN information value (PVID_3)
16’h0001
23
12[15:0] R/W
VLAN_INFO_4.
Port 7 default VLAN information value (PVID_4)
16’h0001
6.26.4 VLAN TAG Control Register
PHY
MII
R/W
Description
Default
13[7:0]
R/W
ADD_TAG[7:0] Note 1
Port x adds a VLAN tag of each outgoing packet
Bit 0: Port0
Bit 1: Port1
…
Bit7: Port7
8’h00
23
14[7:0]
R/W
REMOVE_TAG[7:0] Note 1
Port x removes the VLAN tag of each outgoing packet
Bit 0: Port0
Bit 1: Port1
…
Bit 7: Port7
8’h00
Note 1 : Port mapping refer Figure 2 Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com