Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
12 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
3.6 Miscellaneous setting pins
Pin No.
Label
Type
Description
Misc.
28
F_POWER_OFF
IPH/I
Force Power Off function for power saving setting pin
It should be connected to PVDD for normal operation; pull low
3 seconds to enable Force Power Off function.
31
VLAN_DIS
IPH/O
Home VLAN setting enable setting pin.
Port 0~Port 3 are all individual VLAN and only send to port 4.
1: disable (default)
0: enable
It is an input signal during reset and its value is latched at the
end of reset. This pin acts as a F_POWER_OFF_LED after
reset
35
REVD_GMAC_FILTER
IPH/O
Reserved group address filtering
It configures how to process the reserved group address,
detail see 4.2.
36
BF_STM_DIS
IPH/O
Broadcast storm protection enable
This function defined in MII register 20.1.[6]
1: disable (default)
0: enable
A port begins to drop incoming packets if it receives
broadcast packets more than the threshold defined in MII
register 20.9.[15,14]
It is an input signal during reset and its value is latched at the
end of reset. This pin acts as a link LED of port 1 after reset
37
COS_EN
IPH/O
Class of service enable
Packets with high priority tag are handled as high priority
packets if the function is enabled.
1: disabled (default)
0: enable,
It is an input signal during reset and its value is latched at the
end of reset. It acts as a link LED of port 0 after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com