Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 69Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
67 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
8.1.1 EEPROM Timing
8.1.1.1
Data read cycle
Symbol
Description
Min.
Typ.
Max.
Unit
TSCL
Receive clock period
-
20480
-
ns
TsSCL
SDA to SCL setup time
2
-
-
ns
ThSCL
SDA to SCL hold time
0.5
-
-
ns
R ead data cycle
S C L
S D A
T sSCL
T hSCL
T SCL
8.1.1.2
Command cycle
Symbol
Description
Min.
Typ.
Max.
Unit
TSCL
Transmit clock period
-
20480
-
ns
TdSCL
SCL falling edge to SDA
-
-
5200
ns
Comand cycle
TdSCL
SCL
SDA
TSCL
8.2
Thermal Data
Theta Ja
Theta Jc
Conditions
Units
30.7~32.5
11.6~12.4
2 Layer PCB
oC/W
25.0~26.6
11.1~11.7
4 Layer PCB
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com