Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
35 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
Auto-Negotiation Next Page Transmit Register
7.15
RW
Next Page
Transmit Code Word Bit 15
0
7.14
RO
Reserved
Transmit Code Word Bit 14
0
7.13
RW
Message Page
Transmit Code Word Bit 13
1
7.12
RW
Acknowledge 2
Transmit Code Word Bit 12
0
7.11
RO
Toggle
Transmit Code Word Bit 11
0
2
3
4
6
7
7[10:0]
RW
Message/Unformatted Field
Transmit Code Word Bit 10:0
1
PHY
MII
R/W
Description
Default
Auto-Negotiation Link Partner Next Page Register
8.15
RO
Next Page
Received Code Word Bit 15
0
8.14
RO
Acknowledge
Received Code Word Bit 14
0
8.13
RO
Message Page
Received Code Word Bit 13
0
8.12
RO
Acknowledge 2
Received Code Word Bit 12
0
8.11
RO
Toggle
Received Code Word Bit 11
0
2
3
4
6
7
8[10:0]
RO
Message/Unformatted Field
Received Code Word Bit 10:0
0
PHY
MII
R/W
Description
Default
Special Control Register
16.7
RW
Advance power saving mode
1 = Enable APS mode (Default)
0 = Disable APS mode
Please refer to the Power Saving application note for more detail
description.
1
2
3
4
6
7
16.4
RW
Far end fault function
1 = Far end fault function disable
0 = Far end fault function enable (Default)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com