Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
25 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
4.11 Buffer Aging
When buffer aging was enabled, a frame stayed in output port for transmission is discarded if buffer
aging time has exceeded one second. The buffer aging time is the maximum delay time for transmission
on output port. This function can be set from MII register 20.13.13.
4.12 LED display (normal operation)
Normal operation
LED_O_SEL[1:0]
LINK_LED
SPEED_LED
FDX_LED
00
Off: 100 Mbps link fail
On: 100 Mbps link ok
Flash: TX/RX
Off: no collision
Flash: collision
Off: 10 Mbps link fail
On: 10 Mbps link ok
Flash: TXRX
01
Off: link fail
On: link ok
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
10
Off: 100 Mbps link fail
On: 100 Mbps link ok
Flash: TX/RX
Off: half duplex
On: full duplex
Flash: collision
Off: 10 Mbps link fail
On: 10 Mbps link ok
Flash: TXRX
11
Off: link fail
On: link ok
Flash: TX/RX
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
Flash behavior: Off 105ms
On 105ms
Off 105ms
…
4.13 Serial LED Mode
IP175G/GH supports serial LED mode and can be setting MII register SERIAL_LED_EN to 1 by MII
page3 register 16[12].
There are no enough pins for LED and IP175G/GH sends out LED information through pin 47 (SCLK)
and pin 48 (SDATA). It is necessary to use TTL chip to decode and drive LED. The application circuit is
shown below.
IP175G/GH supports two types of serial LED mode and can be setting by MII page3 register 16[11]. The
default value is 0 (SERIAL_LED_MODE = 0) and can be setting to 1 by MII page3 register 16[11].
4.13.1 Supports link LED only
IP175G/GH supports link LED only when setting SERIAL_LED_MODE to 1 and SERIAL_LED_EN
to 1.
Figure 13 Serial LED Link/Activity Mode
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
PVDD
RESET
SCLK
SDATA
PORT 4 LINK/ACT LED
PORT 3 LINK/ACT LED
PORT 2 LINK/ACT LED
PORT 1 LINK/ACT LED
PORT 0 LINK/ACT LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com