Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
28 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
5
Register descriptions
The IP175G/GH can be configured via external EEPROM interface at boot time. During operation,
IP175G/GH registers are accessible via SMI interface.
5.1
Register map
5.1.1 MII register map
Table 6 MII register map table
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
20.0
Software Reset Register ( 55 AA )
20.1
priority
_rate
Reduce
_ipg
drop16
modify_
carrier_
algorithm
bk_en
bp_kind
bf_stm
_en
aging
modbck
learn_dis_
pause
20.2
tmode_sel
input
_filter
hash_ mode
20.3
port_mirror
_en
port_mirror_mode
sel_rx_port_mirror
20.4
sel_mirror_port
sel_tx_port_mirror
20.5
CRC_counter
20.6
pause_trigger
pause_flag
20.7
thr_
setting
read_thr
wait_
backoff
unit_default_threshold
20.8
share_high_threshold
share_low_threshold
20.9
pkt_high_threshold
pkt_low_threshold
20.10
unit_high_threshold
unit_low_threshold
20.11
mon_en
unit_low_num
20.12
share_high_num
20.13
fiber_duplex[7:6]
buf_
aging_en
src_blk_
protect
port_backpressure_en[7:0]
20.14
lpp_aging_en[4:0]
userdef_range
_en[1:0]
predef_port_en[3:0]
20.15
userdef_range0_high[15:0]
20.16
userdef_range0_low[15:0]
20.17
userdef_range1_high[15:0]
20.18
userdef_range1_low[15:0]
20.19
fast_
mode
test_latin
test_sel
21.0
port0
_cos_en
port0_
high_
priority
21.1
port1
_cos_en
port1_
high_
priority
21.2
port2
_cos_en
port2_
high_
priority
21.3
port3
_cos_en
port3_
high_
priority
21.4
port4
_cos_en
port4_
high_
priority
21.5
21.6
21.7
21.8
21.9
bf_stm_ thr_sel
share_full _thr_sel unit_default_thr_sel
unit_low_thr_sel
unit_high_thr_sel
Predrop
_en
pkt_low_thr_sel
pkt_high_thr_sel
21.10
driver[2:0]
bf_stm
_en
_qm
hp_dis_f
low_en
twopart
allpass
analog_off_time
21.11~29
21.30
diffserv_en bf_ffff_only
special_add_forward
fwd_
mac_ctl
Drop_extra_long
_packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com