Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
59 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.26 VLAN Group Control Register
6.26.1 VLAN Classification
PHY
MII
R/W
Description
Default
0[15]
R/W
(SC)
VLAN_TABLE_CLR
Clear the contents of VLAN TABLE register
1: clear register
0: do nothing (default)
Self-clear after set and register cleared
1’b0
0[14]
RESERVED
0[13]
R/W
UNVID_MODE
Unknown-VID Mode
0: discard
1 : flood packet
1’b0
0[12:0]
RESERVED
1[15:8]
R/W
VLAN_CLS[7:0]
VLAN Classification associated with each port
Only active at tagged-based VLAN
0 : use VID to classify VLAN
-use VID to search VLAN table if tag packet
-use PVID to search VLAN table if untag packet
1 : use PVID to classify VLAN
-always use PVID to search VLAN table
8’h00
23
1[7:0]
TAG_VLAN_EN
Tag-based VLAN enable
8’h00
6.26.2 VLAN Ingress Rule
PHY
MII
R/W
Description
Default
2[15:14]
RESERVED
2[13]
R/W
VLAN_DROP_CFI
Drop incoming frame, if the CFI field is not equal to zero.
1’b0
RSVD_VID[2:0]
Reserved VID
Bit 0
The null VID. If set, frames with null VID (priority-tagged frame)
treat as untagged frames.
0: disable
1: enable (default)
Bit 1
VID=1 (default VID)
Replace default VID with PVID
0: disable (default)
1: enable
23
2[12:10] R/W
Bit 2
VID=FFF
Discard frame if the VID is the value FFF
0: disable(default)
1: enable
3’b001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com