Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
46 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.9
Port mirroring control registers
Table 15 Port mirroring control registers table
PHY
MII
R/W
Description
Default
3[15]
R/W
PORT_MIRROR_EN
1’b0
20
3[14:13]
R/W
PORT_MIRROR_MODE
Select a mirror mode to monitor
00: mirror RX (default)
01: mirror TX
10: mirror RX and TX
11: mirror RX or TX
2’b00
3[12:8]
Reserved
3[7:0]
R/W
SEL_RX_PORT_MIRROR
Select the source (receive) port to be mirrored
0000_0010: port 0
Note 1
0000_0011: port 1
0000_0100: port 2
0000_0110: port 3
0001_0111: port 4
8’h01
4[15:13]
R/W
SEL_MIRROR_PORT
Select a mirror port to monitor any other port
010: port 0
Note 1
011: port 1
100: port 2
110: port 3
111: port 4 (default)
3’b111
4[12:8]
Reserved
4[7:0]
R/W
SEL_TX_PORT_MIRROR
Select the destination (transmit) port to be mirrored
0000_0010: port 0
Note 1
0000_0011: port 1
0000_0100: port 2
0000_0110: port 3
0001_0111: port 4
8’h01
Note 1 : Port mapping refer Figure 2 Application Diagram
6.10 Debug Register
Table 16 Debug Register table
PHY
MII
R/W
Description
Default
20
5[15:8]
R/W
RESERVED
16’h0
20
5[7:0]
RO
(SC)
CRC_COUNTER
8’h00
20
6[15:8]
R/W
(SC)
PAUSE_TRIGGER
8’h00
20
6[7:0]
RO
(SC)
PAUSE_FLAG
8’h0
20
7[15]
R/W
THR_SETTING
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com