Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 69Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
65 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
7.3
AC Timing
7.3.1 Power On Sequence and Reset Timing
Description
Min.
Typ.
Max.
Unit
X1 valid period before reset released
10
-
-
ms
Reset period
10
-
-
ms
All power source ready before reset released
10
ms
Time difference between VCC3.3 and VCC1.0
(Tdiff)
-2
ms
8
Crystal Specifications
Item
Parameter
Range
1
Nominal Frequency
25.000 MHz
2
Oscillation Mode
Fundamental Mode
3
Frequency Tolerance at 25
℃
+/- 50 ppm
4
Temperature Characteristics
+/- 50 ppm
5
Operating Temperature Range
-10
℃ ~ +70℃
6
Equivalent Series Resistance
40 ohm Max.
7
Drive Level
100
μW
8
Load Capacitance
20 pF
9
Shunt Capacitance
7 pF Max
10
Insulation Resistance
Mega ohm Min./DC 100V
11
Aging Rate A Year
+/- 5 ppm/year
3.3V Power
1.0V Power
OSCI (X1)
RESET
X1 vaild period
before reset
relaesed
RESET
period
2.1ms
OSC stable
RESET released
Tdiff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com