Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
61 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.26.5 Port Based VLAN Member Register
PHY
MII
R/W
Description
Default
16[7:0]
R/W
PBV_MEMBER_P0[7:0]
Port based VLAN member port
VLAN member port associated with the Port0.
8’hFF
16[15:8] R/W
PBV_MEMBER_P1[7:0]
Port based VLAN member port
VLAN member port associated with the Port1.
8’hFF
17[7:0]
R/W
PBV_MEMBER_P2[7:0]
Port based VLAN member port
VLAN member port associated with the Port2.
8’hFF
18[7:0]
R/W
PBV_MEMBER_P3[7:0]
Port based VLAN member port
VLAN member port associated with the Port3.
8’hFF
18[15:8] R/W
PBV_MEMBER_P4[7:0]
Port based VLAN member port
VLAN member port associated with the Port4.
8’hFF
6.26.6 Leaky VLAN Control Register
PHY
MII
R/W
Description
Default
19[15:3]
RESERVED
23
19[2:0]
R/W
LEAKY_VLAN[2:0]
Bit0: ARP leaky VLAN
Bit1: Unicast forwarding leaky VLAN, DA=individual MAC & DA match
was found
Bit2: Multicast leaky VLAN
2’b00
6.27 VLAN Table
6.27.1 VLAN Control Register
PHY
MII
R/W
Description
Default
24
0[15:0]
R/W
VLAN_VALID[15:0]
VALN filter is valid.
The VALN filter entry X is valid associated with the VID_X.
16’h
0000
6.27.2 VLAN Identifier Register
PHY
MII
R/W
Description
Default
1[11:0]
R/W
VID_0[11:0]
VLAN identifier associated with VALN 0.
12’h001
2[11:0]
R/W
VID_1[11:0]
VLAN identifier associated with VALN 1.
12’h002
3[11:0]
R/W
VID_2[11:0]
VLAN identifier associated with VALN 2.
12’h003
4[11:0]
R/W
VID_3[11:0]
VLAN identifier associated with VALN 3.
12’h004
24
5[11:0]
R/W
VID_4[11:0]
VLAN identifier associated with VALN 4.
12’h005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com