Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
16 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
4.3
Green Power
IP175G/GH provides various power management modes to save the power consumption. In
addition to the power down mode defined on IEEE802.3, two extra power saving modes are used to
further reduce the system power consumption.
4.3.1 Auto Power Saving Mode
IP175G/GH will automatically enter this mode if no cable link is established. After entering this
mode, IP175G/GH will shutdown unnecessary function and issue the link pulse at a rate lower than the
regular rate specified on IEEE 802.3.
4.3.2 IEEE802.3az EEE (Energy Efficient Ethernet)
In order to enter this mode, the PHY part should declare the EEE capability during the
auto-negotiation phase.
It’s the higher layer’s responsibility to memorize the link partner’s wakeup time and wakeup the link
partner before sending data. The higher layer means a mechanism that can evaluate the packet buffer
utilization and wake the link partner before sending the data. In general speaking, this mechanism
probably consists of at least one of the following items: the packet buffer manager, the application
program and OS.
The EEE module works well at LPI (Low Power Idle) mode when
1. Link at full-duplex and
2. Auto-negotiation is enabled in both local and remote PHYs and
3. 100Mbps full duplex and
4. EEE ability is supported in both local & remote PHYs and
5. EEE_EN (Reg 22.0[7:0]) is enabled for EEE function via default value and
6. SLEEP_TIMER (Reg 22.1[11:0]) is the default value for EEE sleep timer and
7. WAKE_TIME (Reg 22.2~9) is the default value for EEE wake time.
4.3.3 WOL+ (Wake On LAN Plus)
IP175G/GH not only consumes low power, but also provides various energy-saving methods to
save the power. These combined methods make IP175G/GH a “green” PHY. The following pictures show
the method.
Packet wakes it up
No-Traffic leads it to sleep
IP175G
IP175G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com