Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175G Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
64 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
7
Electrical Characteristics
7.1
Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to
the device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
– 0.3V to 3.63V
Input Voltage
– 0.3V to 3.63V
Output Voltage
– 0.3V to 3.63V
Storage Temperature
– 65°C to 150°C
Ambient Operating Temperature (Ta) (IP175G/GH)
0°C to 70°C
IC Junction Temperature (Tj) (IP175G/GH)
0°C to 125°C
Ambient Operating Temperature (Ta) (IP175G/GHI)
– 40°C to 85°C
IC Junction Temperature (Tj) (IP175 GI)
– 40°C to 125°C
7.2
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Core Supply Voltage
DVDD
Analog Low Supply Voltage
AV10
1.05
1.1
1.23
Analog High Supply Voltage
AV33
I/O Pad Supply Voltage
PVDD
3
3.3
3.6
V
P100MF
520
All port link 100M Full activ
P10MF
488
All port link 10M Full activ
Power Consumption
PIDLE
125
mW
All port unlink
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
F
25
MHz
Frequency Tolerance
FT
-50
+50
PPM
I/O Electrical Characteristics
Parameter
Sym
Min.
Max.
Unit
Conditions
Input Low Voltage
-LED PAD direct mode
-LED PAD bicolor mode
-NOT LED PAD
VIL
0.39*PVDD
0.36*PVDD
0.4*PVDD
Input High Voltage
-LED PAD direct mode
-LED PAD bicolor mode
-NOT LED PAD
VIH
0.58*PVDD
0.58*PVDD
0.6*PVDD
X1 Input Low Voltage
VILX1
0.6
X1 Input High Voltage
VIHX1
1.5
Output Low Voltage
VOL
0.4
Output High Voltage
VOH
2.4
RESETB Threshold Voltage
VRST
0.4*PVDD
0.6*PVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com