Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp M65818AFP Datasheet HTML 32Page - Renesas Technology Corp M65818AFP Datasheet HTML 33Page - Renesas Technology Corp M65818AFP Datasheet HTML 34Page - Renesas Technology Corp M65818AFP Datasheet HTML 35Page - Renesas Technology Corp M65818AFP Datasheet HTML 36Page - Renesas Technology Corp M65818AFP Datasheet HTML 37Page - Renesas Technology Corp M65818AFP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 34 of 38
• ∆ΣBlock: AC dithering Rch Phase (bit21: ACDRPOL).
"L"…Same phase
"H"…Reverse phase
• ∆Σ Block: AC dithering Selection (bit22,bit23,bit24: ACDSEL0,ACDSEL1,ACDSEL2).
Refer to Table 6-3-3.
7.1. AC Characteristics Lists.
(Ta=25
°C, PWM Vdd=5V, DVdd=3.3V)
AC Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
XfsoIN duty ratio
duty(XfsoIN)
40
50
60
%
XfsiIN duty ratio
duty(XfsiIN)
512fsi
30
50
70
%
256fsi
40
50
60
nsec
SCSHIFT pulse time
tw(SCSHIFT)
160
nsec
SCDT setup time
tsu(SCDT)
80
nsec
SCDT hold time
th(SCDT)
80
nsec
SCLATCH pulse width
tw(SCLATCH)
160
nsec
SCLATCH setup time
tsu(SCLATCH)
160
nsec
SCLATCH hold time
th(SCLATCH)
160
nsec
BCK pulse width
tw(BCK)
35
nsec
DATA setup time
tsu(DATA)
20
nsec
DATA hold time
th(DATA)
20
nsec
LRCK setup time
tsu(LRCK)
20
nsec
LRCK hold time
th(LRCK)
20
nsec
EXBCK pulse time
tw(EXBCK)
35
nsec
EXWCK setup time
tsu(EXWCK)
20
nsec
EXWCK hold time
th(EXWCK)
20
nsec
EXDATA L / R setup time
tsu(EXDATA)
20
nsec
EXDATA L / R hold time
th(EXDATA)
20
nsec
EXDATA L / R output delay time
tpd(EXDATA)
Output load capacity 10 [pF]
1.0
nsec
EXWCK output delay time
tpd(EXWCK)
Output load capacity 10 [pF]
1.0
nsec
DSD128fs pulse width
tw(DSDCK128)
70
nsec
DSD64fs pulse width
tw(DSDCK64)
140
nsec
DSD64fs setup time
tsu(DSDCK64)
mode 1, 3
40
nsec
DSD64fs hold time
th(DSDCK64)
mode 1, 3
40
nsec
DSD L / R setup time
tsu(DATA)
mode 1, 2, 3, and 4
40
nsec
DSD L / R hold time
th(DATA)
mode 1, 2, 3, and 4
40
nsec
SYNC pulse width
tw(SYNC)
160
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com