Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 20Page - Renesas Technology Corp M65818AFP Datasheet HTML 21Page - Renesas Technology Corp M65818AFP Datasheet HTML 22Page - Renesas Technology Corp M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 24 of 38
6. Serial Control
6.1. Gain Control Mode
No setting bits means "Don't care".
bit
Flag Name
Functional Explanation
H
L
INIT
1
MODE1
Mode Setting 1
"L" fixed
2
MODE2
Mode Setting 2
"L" fixed
3
TEST1
Test Mode 1
"L" fixed
L
4
TEST2
Test Mode 2
"L" fixed
L
5
NSLMT1
Output Limit 1
Refer to Table 6-1-2.
L
6
NSLMT2
Output Limit 1
L
7
GCONT1
Channel selection for Gain
Control Block 1
L / R independence
L/R common
L
8
GCONT2
Channel selection for Gain
Control Block 2
Lch
Rch
L
9
10
11
12
GAIN0
Gain Data Index (MSB)
H
13
GAIN1
Gain Data Index
L
14
GAIN2
Gain Data Index
L
15
GAIN3
Gain Data Index
L
16
GAIN4
Gain Data Index (LSB)
L
17
GAIN5
Gain Data Mantissa (MSB)
H
18
GAIN6
Gain Data Mantissa
L
19
GAIN7
Gain Data Mantissa
L
20
GAIN8
Gain Data Mantissa
L
21
GAIN9
Gain Data Mantissa
L
22
GAIN10
Gain Data Mantissa
L
23
GAIN11
Gain Data Mantissa
L
24
GAIN12
Gain Data Mantissa (LSB)
L
• Output Limit (bit5,bit6:NSLMT1 ,NSLMT2 )
The M65818AFP has Over Flow Limit function which detects by input signal level and limit gain control.
Limit value is set by Gain Control Mode :bit5,bit6 ”NSLMT1, NSLMT2” and System2 Mode:bit17"NSOBIT".
The limit value setting of Gain control block and PWM output.
Table (6-1-1a). Limit Value [In the case of 6bit mode, System2 mode:bit17(NSOBIT)="L"]
DSLMT1
DSLMT2
Gain Block
PWM Output (Limit Value from DS Block )
L
L
±0.9375
63 values (±31)
H
L
±0.90625
61 values (±30)
L
H
±0.875
59 values (±29)
H
H
±0.84375
57 values (±28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com