Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M65818AFP Datasheet HTML 1Page - Renesas Technology Corp M65818AFP Datasheet HTML 2Page - Renesas Technology Corp M65818AFP Datasheet HTML 3Page - Renesas Technology Corp M65818AFP Datasheet HTML 4Page - Renesas Technology Corp M65818AFP Datasheet HTML 5Page - Renesas Technology Corp M65818AFP Datasheet HTML 6Page - Renesas Technology Corp M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 3 of 38
1. Pin Configuration (Top View)
(3.3V/5V System)
(3.3V System)
(5V System )
INIT 41
24 OUTL1+
SYNC 42
23 VddL1+
DATA 43
22 VddL1-
(5V System)
BCK 44
21 OUTL1-
LRCK 45
20 VssL1-
FsiI 46
19 VssL2-
DSD128Fs 47
18 OUTL2-
DSD64Fs 48
17 VddL2-
DSDR 49
16 VddL2+
DSDL 50
15 OUTL2+
DSDCKSEL1 51
14 VssL2+
DSDCKSEL2 52
13 VddL
DSDCKIO 53
12 VddR
TEST1 54
11 VssR1+
TEST2 55
10 OUTR1+
CKCTL1 56
9 VddR1+
CKCTL2 57
8 VddR1-
BFVdd 58
7 OUTR1-
EXIOSEL 59
6 VssR1-
EXDATAL 60
5 VssR2-
EXDATAR 61
4 OUTR2-
EXBCK 62
3 VddR2-
(5V System)
EXWCK 63
2 VddR2+
XfsiIN 64
1 OUTR2+
(3.3V/5V System)
(3.3V System)
(5V System)
40 39 38 37 36 35 34
32 31 30 29 28 27 26 25
33
65 66 67 68 69 70 71
73 74 75 76 77 78 79 80
72
V
s
s
R
2
+
V
s
s
R
F
s
o
I
F
s
o
C
K
O
S
F
L
A
G
O
F
L
F
L
A
G
D
V
s
s
T
E
S
T
3
D
V
d
d
C
K
O
U
T
3
C
K
O
U
T
2
C
K
O
U
T
1
B
F
V
s
s
X
O
V
s
s
X
f
s
o
O
U
T
X
O
V
d
d
V
s
s
L
1
+
V
s
s
L
X
V
d
d
X
f
s
o
I
N
X
V
s
s
X
V
s
s
M
C
K
S
E
L
P
G
M
U
T
E
M
O
D
E
1
M
O
D
E
2
D
V
s
s
D
V
d
d
S
C
L
A
T
C
H
S
C
S
H
I
F
T
S
C
D
T
N
S
P
M
U
T
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com