Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp M65818AFP Datasheet HTML 11Page - Renesas Technology Corp M65818AFP Datasheet HTML 12Page - Renesas Technology Corp M65818AFP Datasheet HTML 13Page - Renesas Technology Corp M65818AFP Datasheet HTML 14Page - Renesas Technology Corp M65818AFP Datasheet HTML 15Page - Renesas Technology Corp M65818AFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 12 of 38
• Input Formats of DATA, BCK, and LRCK
LRCK
BCK
MSB
16 cycle
DATA
(16bit)
MSB
16 cycle
1/fsi, 1/2fsi, 1/4fsi
Left
Right
DATA
(24bit)
MSB
MSB
24 cycle
24 cycle
MSB
DATA
(20bit)
MSB
20 cycle
20 cycle
LSB
LSB
LSB
LSB
LSB
LSB
MSB first right justified(16bit, 20bit, 24bit)
LRCK
BCK
DATA
(24bit)
Left
Right
MSB first left justified(24bit)
MSB
MSB
24cycle
LSB
LSB
1/fsi, 1/2fsi, 1/4fsi
24cycle
LSB
LSB
LRCK
BCK
DATA
(24bit)
Left
Right
24 cycle
24 cycle
MSB
MSB
LSB first right justified(24bit)
1/fsi, 1/2fsi, 1/4fsi
LRCK
BCK
DATA
(24bit)
MSB
MSB
24 cycle
24 cycle
1/fsi, 1/2fsi, 1/4fsi
Left
Right
I
2S(24bit)
1 BCK
LSB
LSB
1 BCK
5.4. EXBCK, EXWCK, EXDATAL, EXDATAR, EXIOSEL
62 63 60 61 59
When "input signal mode" is "external 8fs data mode", regardless of a setup of EXIOSEL pin, the data of 8fs rate are
inputted from EXDATAL, EXDATAR pins.
By setup of serial control "System1 mode:bit21", Primary Side Synchronous Input or Secondary Side Synchronous
Input can be selected.
In case an external 8fs data input is secondary side synchronous , the data is inputted to Gain Control Block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com