Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp M65818AFP Datasheet HTML 32Page - Renesas Technology Corp M65818AFP Datasheet HTML 33Page - Renesas Technology Corp M65818AFP Datasheet HTML 34Page - Renesas Technology Corp M65818AFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 31 of 38
*NOTE2; Selection of PWM output form
Pay attention in selection and setting above-mentioned that a noise may occur by internal clock changes when setting of
MCKSEL pin is changed and the serial control System2 mode:
bit17 (NSOBIT) and bit16 (NSSPEED).
Since especially MCKSEL pin sets up an internal master clock, use with a fixed value recommended.
In changing MCKSEL, initialization with INIT pin and a re-setup of all the bits by serial control are needed after
changing MCKCEL.
• Reverse Phase of PWM Output OUTL1(-) / OUTR1(-) (bit24:PWMHP)
"L"…PWM Output OUTL1(-) / OUTR1(-) are reverse phase as the PWM output OUTL1(+) / OUTR1(+) .
"H"…PWM Output OUTL1(-) / OUTR1(-) are same phase as the PWM output OUTL1(+) / OUTR1(+) .
In this mode, the signal which added OUTL1(-) / OUTR1(-) and OUTL2(-) / R2(-) by external resistance can be
given to LPF / Headphone Amplifier.
6.3. System2 Mode (Secondary side)
bit
Flag Name
Functional Explanation
H
L
INIT
1
MODE1
Mode Setting 1
"H" fixed
2
MODE2
Mode Setting 2
"L" fixed
3
IMCKSEL
Input Master Clock Selection
512fsi
256fsi
L
4
DSDFCO0
Refer to Table 6-3-1.
L
5DSDFCO1
Filter Coefficient of Down
Sampling
L
6
SYNC
Resynchronization
L->H :
Resynchronization.
L
7
XFsoOEN
XfsoOUT pin output "enable"
disable
enable
L
8
ASYNCEN2
Asynchronous Detection Flag for
secondary Side
enable
disable
L
9
CHSEL
L / R inversion of PWM
output
Active
Non-active
L
10
DRPOL
∆ΣBlock: Rch Input Phase
Negative-phase
Positive-phase
L
11
SRCRST
Sampling Rate Converter
Reset
Active
Non-active
L
12
don't care
13
GIMUTE
Zero Mute at Gain Control
Input Clock
Active
Non-active
L
14
NSPMUTE
Duty 50 percent Mute of
PWM Output
Active
Non-active
L
15
PGMUTE
G_MUTE of PWM Output
Data
Active
Non-active
L
16
NSSPEED
∆Σ Block: Operation Speed
32fso
16fso
L
17
NSOBIT
∆Σ Block: Setting of Output
Bit Number
5 bits (31 value)
6 bits (63 value)
L
18
DCDRPOL
∆Σ Block: Rch Phase of DC
dithering
Negative-phase
Positive-phase
L
19
DCDSEL0
Refer to Table 6-3-2
L
20
DSDSEL1
∆ΣBlock: DC dithering
Selection
L
21
ACDRPOL
∆Σ Block: Rch Phase of AC
dithering
Negative-phase
Positive-phase
L
22
ACDSEL0
Refer to Table 6-3-3
L
23
ACDSEL1
L
24
ACDSEL2
∆Σ Block: AC dithering
selection
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com