Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 5Page - Renesas Technology Corp M65818AFP Datasheet HTML 6Page - Renesas Technology Corp M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp M65818AFP Datasheet HTML 11Page - Renesas Technology Corp M65818AFP Datasheet HTML 12Page - Renesas Technology Corp M65818AFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 9 of 38
DC Characteristics
(Ta=25
°C, PWMVdd=5V, DVdd=3.3V: Unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max
Unit
Conditions
H Level Input Voltage
VIH5
0.75Vdd

V
BFVdd=4.5 to 5.5V
VIH3
0.75Vdd

V
BFVdd=3.0 to 3.6V
L Level Input Voltage
VIL5

0.25Vdd
V
BFVdd=4.5 to 5.5V
VIL3

0.25Vdd
V
BFVdd=3.0 to 3.6V
Input Leak Current
Ileak

10
µA
VOH5
Vdd
− 0.5 
V
BFVdd=4.5 to 5.5V IOH5=
−2.0mA
DSD128Fs
DSD64Fs
EXDATAL
EXDATAR
EXBCK
EXWCK
VOH3
Vdd
− 0.5 
V
BFVdd=3.0 to 3.6V IOH3=
−1.5mA
VOH5
Vdd
− 0.5 
V
BFVdd=4.5 to 5.5V IOH5=
−4.0mA
CKOUT1
CKOUT2
CKOUT3
VOH3
Vdd
− 0.5 
V
BFVdd=3.0 to 3.6V IOH3=
−3.0mA
XfsoOUT
VOH5
Vdd
− 0.5 
V
BFVdd=4.5 to 5.5V IOH5=
−2.0mA
OFLFAG
SFLAG
FsoCKO
VOH3
Vdd
− 0.5 
V
BFVdd=3.0 to 3.6V IOH3=
−2.0mA
"H"Level Output
Voltage
OUTLXX
OUTRXX
VOH5
Vdd
− 0.5 
V
VddLXX/RXX=4.5V to 5.5V
IOH5=
−4.0mA
VOL5

0.5
V
BFVdd=4.5 to 5.5V IOH5=2.0mA
DSD128Fs
DSD64Fs
EXDATAL
EXDATAR
EXBCK
EXWCK
VOL3

0.5
V
BFVdd=3.0 to 3.6V IOH3=1.5mA
VOL5

0.5
V
BFVdd=4.5 to 5.5V IOH5=4.0mA
CKOUT1
CKOUT2
CKOUT3
VOL3

0.5
V
BFVdd=3.0 to 3.6V IOH3=3.0mA
XfsoOUT
VOL5

0.5
V
BFVdd=4.5 to 5.5V IOH5=2.0mA
OFLFAG
SFLAG
FsoCKO
VOL3

0.5
V
BFVdd=3.0 to 3.6V IOH3=2.0mA
"L" Level Output
Voltage
OUTLXX
OUTRXX
VOL5

0.5
V
VddLXX/RXX=4.5V to 5.5V
IOH5=4.0mA
Power Supply Current
Idd
33
mA
BFVdd=5V
5. Explanation of Operation
5.1. MODE1, MODE2
34 35
The states of MODE1 and MODE2 pins select input signal mode.
MODE1 and MODE2 are control pins for input signal mode (Normal / SACD / External 8fs Input).
These are selectable as follows.
Pin
Name / MODE
Normal
External 8fs Data
SACD-fsi
SACD-fso
34
MODE1
L
L
H
H
35
MODE2
L
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com