Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp M65818AFP Datasheet HTML 32Page - Renesas Technology Corp M65818AFP Datasheet HTML 33Page - Renesas Technology Corp M65818AFP Datasheet HTML 34Page - Renesas Technology Corp M65818AFP Datasheet HTML 35Page - Renesas Technology Corp M65818AFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 32 of 38
Table 6-3-1 Setting of Down Sampling Filter Coefficient
bit
Flag Name
ROM1
ROM2
ROM3
ROM4
4DSDFCO0
LH
LH
5DSDFCO1
LL
H
H
Table 6-3-2 DC dithering Selection at
∆Σ
∆Σ
∆Σ
∆Σ Block
bit
Flag Name
Non-dithering
DC dithering
0.1%
DC dithering
0.2%
DC dithering0.4%
19
DCDSEL0
L
H
L
H
20
DCDSEL1
L
L
H
H
Table 6-3-3 AC dithering Selection at
∆Σ
∆Σ
∆Σ
∆Σ Block
bit
Flag Name
Non-dithering
AC dithering A
AC dithering C
AC dithering E
22
ACDSEL0
don't care
L
L
L
23
ACDSEL1
L
H
L
H
24
ACDSEL2
L
L
H
H
Table 6-3-4 Setup Operating Rate & Bit Length of
∆Σ
∆Σ
∆Σ
∆Σ Block
bit
Flag / Pin
Name
16fso,6bit
16fso,5bit
16fso,5bit
32fso,5bit
16
NSSPEED
L
L
X
H
17
NSOBIT
L
H
X
H
pin
MCKSEL
L(Secondary
Clock1024fso)
L(Secondary
Clock1024fso)
L(Secondary
Clock512fso)
L(Secondary
Clock1024fso)
• Input Master Clock Selection (bit3:IMCKSEL).
"L":256fsi
"H":512fsi ("512fsi" are divided into half "256fsi" and operate as primary master clock.)
• Selection of Down Sampling Filter Coefficient for SACD input (bi4, bit5: DSFCO 0,DSFCO 1).
Refer to Table 6-3-1.
• Resynchronization (bit6: SYNC).
Resynchronization function is same at SYNC pin's function. Refer to Operation Explanation, Chapter 5.10.
Resynchronization process starts by SYNC rise edge,
therefore SYNC level must be fixed to "L" just before SYNC operation.
• "Enable" of XfsoOUT pin Output(bit7: XfsoOEN).
"L": Clock Output (enable), "H": L fixed (disable)
• Flag to "Enable" Asynchronous Detection for Secondary Block (bit8: ASYNCEN2).
ASYNCEN2 : "L"…disable.
"H"…enable.
Under condition of ASYNCEN2="L", secondary side asynchronous detection is in-effective under asynchronous
position, whether Fsol Clock is not inputted, there by M65818AFP does not operate function for instance mute
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com