Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp M65818AFP Datasheet HTML 32Page - Renesas Technology Corp M65818AFP Datasheet HTML 33Page - Renesas Technology Corp M65818AFP Datasheet HTML 34Page - Renesas Technology Corp M65818AFP Datasheet HTML 35Page - Renesas Technology Corp M65818AFP Datasheet HTML 36Page - Renesas Technology Corp M65818AFP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 33 of 38
• Reverse Lch/Rch for PWM Output pins(bit9: CHSEL).
"L": Lch/Rch no reverse, "H": Lch/Rch reverse.
• ∆Σ: Rch Input Phase (bit10: DRPOL).
"L"…. Same phase ("Through")
"H"…..This setting makes
∆Σ Rch Input in reverse, further makes PWM block input phase reverse, ultimately
phase becomes positive phase ( Input pin and Output pin's phase is same).
• Sampling Rate Converter Block Reset (Initialize function) (bit11: SRCRST).
"L" …..normal operation
"H" to "L" edge…..Reset ( Initialize function)
• Zero Mute of Gain Control Input (bit13: GIMUTE).
"L"…Mute release, "H"…Mute.
• Duty 50% Mute of PWM Output (bit14: NSPMUTE).
Fixed PWM duty 50% Mute
"L"…..Mute release
"H"….. Mute
This function exists also in a pin by the same name.(This Mute function can be set either NSPMUTE flag or
NSPMUTE pin.)
• G-Mute for PWM Output Data (bit15: PGMUTE)
At G-MUTE flag = H , PGMUTE pin fixes each PWM Output as followings.
"L"….. Mute release "H"….. Fixed Mute for PWM Output (Fixed value as follows)
<Serial Control (System1 Mode :bit24) PWMHP="L" >
OUTL1(+) and OUTR1(+) ="L" , OUTL2(+) and OUTR2(+) = "L"
OUTL1(-) and OUTR1(-) ="H" , OUTL2(-) and OUTR2(-) = "H"
<Serial control (system1 mode; bit24) PWMHP="H">
OUTL1(+) and OUTR1(+) ="L" , OUTL2(+) and OUTR2(+) = "L"
OUTL1(-) and OUTR1(-) ="L" , OUTL2(-) and OUTR2(-) = "H"
This function exists also in a pin by the same name.(This Mute function can be set either PGMUTE flag or
PGMUTE pin.)
• ∆ΣBlock : operating rate (bit16: NSSPEED).
Refer to Table 6-3-4.
"L"…16fso
"H"…32fso *Enable only MCKSEL="L"(1024fso), NSOBIT="H" only.
(Except for this condition, Operating rate automatically becomes 16fso.)
• ∆Σ Block : The setting of bit length (bit17: NSOBIT).
Refer to Table 6-3-4.
NSOBIT selects bit length for
∆Σ operation. This is set by force as 5bit at MCKSEL="H".
"L"…6bit (63 value)
"H"…5bit (31value)
• ∆ΣBlock: DC dithering Rch Phase (bit18: DCDRPOL).
"L"…Same phase
"H"…Reverse phase
• ∆Σ Block: DC dithering Selection (bit19,bit20: DCDSEL0,DCDSEL1).
Refer to Table 6-3-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com