Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 14Page - Renesas Technology Corp M65818AFP Datasheet HTML 15Page - Renesas Technology Corp M65818AFP Datasheet HTML 16Page - Renesas Technology Corp M65818AFP Datasheet HTML 17Page - Renesas Technology Corp M65818AFP Datasheet HTML 18Page - Renesas Technology Corp M65818AFP Datasheet HTML 19Page - Renesas Technology Corp M65818AFP Datasheet HTML 20Page - Renesas Technology Corp M65818AFP Datasheet HTML 21Page - Renesas Technology Corp M65818AFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 18 of 38
• SACD-fso Mode
<Multiplex use>
The primary side: Synchronous operation does not carry out since internal sampling rate converter is not used.
In this mode, asynchronous detection by the primary side is set to disable by force.
Therefore with regardless to a setup by the serial control "System1 mode:bit16(ASYNCEN1)", the synchronous
detection perform as ` forced-disable`.
The secondary side: M65818AFP synchronizes with FsoCKO of Master IC. One of M65818AFP becomes a master
IC, and the synchronization between ICs is carried out by FsoCKO of Master IC.
FsoCKO pin outputted from this master IC is entered each FsoI pins of master and slave ICs.
And DSD128Fs/DSD64Fs for secondary synchronization are connected as a clock in common to all ICs. Thus,
DSD128 Fs/DSD64Fs in common to all ICs is inputted (all IC DSDCKIO="L") or the DSD128 Fs/DSD64Fs
output (DSDCKIO="H") generated by dividing of the primary side master clock within Master IC is inputted into
the DSD128 Fs/DSD64Fs (DSDCKIO="L") of other slaves IC.
The synchronous operation of the SACD input in the case of multi is possible by doing in this way.
<Single use>
The primary side: Synchronous operation does not carry out since internal sampling rate converter is not used.
In this mode, asynchronous detection by the primary side is set to disable by force.
Therefore with regardless to a setup by the serial control "System1 mode:bit16(ASYNCEN1)", the synchronous
detection perform as ` forced-disable`.
The secondary side: there is no need for external devices and other ICs to synchronize, therefore FsoCKO is
connected to FsoI, In other way, By setting secondary side asynchronous detection to "disable" with "ASYNCEN2"
flag(Serial Control,System2 mode,bit8), FsoI can also be considered as fixation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com