Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 2Page - Renesas Technology Corp M65818AFP Datasheet HTML 3Page - Renesas Technology Corp M65818AFP Datasheet HTML 4Page - Renesas Technology Corp M65818AFP Datasheet HTML 5Page - Renesas Technology Corp M65818AFP Datasheet HTML 6Page - Renesas Technology Corp M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 6 of 38
3. Pin Descriptions
Pin
No.
Name
I/O
Description
Output
Current
5V/3.3V
Signal Level
1
OUTR2+
O
Rch PWM2(+) Output
5V
2
VddR2+
Power Supply for Rch PWM2(+) (5V)

3
VddR2-
Power Supply for Rch PWM2(-) (5V)

4
OUTR2-
O
Rch PWM2 (-) Output
5V
5
VssR2-
GND for Rch PWM2(-)

6
VssR1-
GND for Rch PWM1(-)

7
OUTR1-
O
Rch PWM1 (-) Output
5V
8
VddR1-
Power Supply for Rch PWM1(-) (5V)

9
VddR1+
Power Supply for Rch PWM1(+) (5V)

10
OUTR1+
O
Rch PWM1 (+) Output
5V
11
VssR1+
GND for Rch PWM1(+)

12
VddR
Power Supply for Rch PWM (5V)

13
VddL
Power Supply for Lch PWM (5V)

14
VssL2+
GND for Lch PWM2(+)

15
OUTL2+
O
Lch PWM2 (+) Output
5V
16
VddL2+
Power Supply for Lch PWM2(+) (5V)

17
VddL2-
Power Supply for Lch PWM2(-) (5V)

18
OUTL2-
O
Lch PWM2 (-) Output
5V
19
VssL2-
GND for Lch PWM2(-)

20
VssL1-
GND for Lch PWM1(-)

21
OUTL1-
O
Lch PWM1 (-) Output
5V
22
VddL1-
Power Supply for Lch PWM1(-) (5V)

23
VddL1+
Power Supply for Lch PWM1(+) (5V)

24
OUTL1+
O
Lch PWM1 (+) Output
5V
25
VssL1+
GND for Lch PWM1(+)

26
VssL
GND for Lch PWM

27
XVdd
Power Supply for Master Clock Buffer

28
XfsoIN
I
Secondary Master Clock
Input:1024Fso/512Fso
5V
29
XVss
GND for Master Clock Buffer

30
XVss
GND for Master Clock Buffer

31
DVss
GND for Digital Block

32
MCKSEL
I
Secondary Master Clock Selection;
L:1024Fso, H:512Fso
3.3V
33
DVdd
Power Supply for Digital Block (3.3V)

34
MODE1
I
Input Mode Selection 1
5V/3.3V
35
MODE2
I
Input Mode Selection 2
5V/3.3V
36
SCLATCH
I
Serial Control•Latch Signal Input
5V/3.3V
37
SCSHIFT
I
Serial Control•Shift Clock Input
5V/3.3V
38
SCDT
I
Serial Control•Data Input
5V/3.3V
39
NSPMUTE
I
PWM Duty 50% Mute (L :Active)
5V/3.3V
40
PGMUTE
I
PWM G-MUTE (L :Active)
5V/3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com