Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 17Page - Renesas Technology Corp M65818AFP Datasheet HTML 18Page - Renesas Technology Corp M65818AFP Datasheet HTML 19Page - Renesas Technology Corp M65818AFP Datasheet HTML 20Page - Renesas Technology Corp M65818AFP Datasheet HTML 21Page - Renesas Technology Corp M65818AFP Datasheet HTML 22Page - Renesas Technology Corp M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 21 of 38
5.11. OFLFLAG
71
OFLFLAG pin is output the 'over flow flag' in the operation. OFLFLAG pin outputs "H" level by detection of over
flow from Gain Control Block and others.
The "H" level width is over 0.6msec, so detection result is held.
5.12. OUTL1+, OUTL1-, OUTL2+, OUTL2-, OUTR1+, OUTR1-, OUTR2+, OUTR2-
OUTL1+, OUTL1-, OUTL2+, OUTL2-, OUTR1+, OUTR1-, OUTR2+, and OUTR2- pins are pulse output modulated
∆Σ output signal to PWM signal.
These pins are connected to external Power Driver ICs.
PWM Output Form 1, 2, 3 and 4 can be selected by serial control data(System1 mode:bit22,23 ).
PWM Output Form1 : General Modulation
PWM Output Form2 : Symmetrical Modulation
PWM Output Form3 : Modulation returned with time domain.
(The rise and fall edge of Lch and Rch in a term are reverse.)
PWM Output Form4: Modulation returned with time domain.
(The rise and fall edge of Lch and Rch in a term are same timing.)
In each 4 forms, the operating rate and bit length of PWM Output can be changed following the setting of ∆Σ And the output
mute function and the output pins reverse function, can be controlled by the pin setting or serial control.
The PWM output control is shown in the following table.
Item
Operation
Setting Operation
Output Form
Output Form Selection
1,2,3,4
Set up by the serial control system 1 mode
bit 22,23 (PWM MODE 0 and 1).
(Refer to Chapter 6.2. system 1 mode for details)
Operating Rate and Data
Bit Length
Select to
16fso/6bit ,16fso/5bit
,32fso/5bit from operating
rate and data bit length of
∆Σ.
PWM operation are
synchronized by this
setting.
Set up by the serial control system 2 mode bit16 and bit17.
(Refer to Chapter 6.3. system 2 mode for details.)
Output Muting
Duty 50% Mute
Set NSPMUTE pin "L" or set up by serial control System 2
mode bit14 (NSPMUTE) "H".
(Refer to Chapter 5.13.NSPMUTE pin description and
6.3.system2 mode for details)
Absolute Zero Mute
Set PGMUTE pin "L" or set up by serial control system2 mode
bit15(PGMUTE) "H".
(Refer to Chapter 5.14.PGMUTE pin description and 6.3
system2 mode for details)
Reverse Output
Pins Function
Reverse on Lch and Rch
of output pins.
Set up by serial control system2 mode bit9
(CHSEL ).
Reverse for OUTL1- and
OUTR1- of output pins.(
Output OUTL1+ /R1+
data to OUTL1- /OUTR1-
data.)
Set up by serial control system1 mode bit124(PWMHP).
(Refer to Chapter 6.2. system1 mode for details.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com