Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp M65818AFP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 28 of 38
6.2. System1 Mode
bit
Flag Name
Functional Explanation
H
L
INIT
1
MODE1
Mode Setting 1
"L" fixed
2
MODE2
Mode Setting 2
"H" fixed
3
IFMT0
Input Format Selection
Refer to Table 6-2-1.
L
4
IFMT1
L
5
IBIT0
Setting for Input Word Length
Refer to Table 6-2-2.
L
6IBIT1
L
7
ISF0
Input Sampling Rate Selection
Refer to Table 6-2-3.
L
8ISF1
L
9
EMPFS1
Fs selection for De-emphasis
Filter
Refer to Table 6-2-4.
L
10
EMPFS2
L
11
DF1IMUTE
Zero Mute of DATA input
Active
Non-active
L
12
DF2IMUTE
Zero Mute at sampling rate
converter input
Active
Non-active
13
don't care
14
don't care
15
don't care
16
ASYNCEN1
synchronous Detection Flag for
Primary Side
enable
disable
L
17
don't care
18
don't care
19
don't care
20
ASYNC1MODE
Select process under
asynchronization in primary side
Zero Mute
PWM:duty 50%
L
21
EXMODE
Mode select of external 8fs data
input
Sync. by primary
side
Sync. by secondary
side
L
22
PWMMODE0
Selection of Output PWM Form
Refer to Table 6-2-5
L
23
PWMMODE1
L
24
PWMHP
Reverse Phase of OUTL1-/R1-
Active
Non-active
L
Table 6-2-1 Input Format
bit
Flag Name
MSB First Left
Justified
MSB First Right
Justified
LSB First Right
Justified
I
2S
3
IFMT0
L
H
L
H
4
IFMT1
L
L
H
H
Table 6-2-2 Setting for Input Data Word Length
bit
Flag Name
16bit
20bit
24bit
Don't use
5IBIT0
LH
LH
6IBIT1
LL
H
H
Table 6-2-3 Input Sampling Rate Selection (fsi: 32k to 48kHz 2fsi: 64k to 96kHz, 4fsi: 128k to 192kHz)
bit
Flag Name
fsi
2fsi
4fsi
Don't use
7ISF0
L
H
L
H
8ISF1
L
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com