Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 27 of 38
• Operating time of Soft Mute
Total steps from Maximum value(10100b/11111111b) to Minimum value(00000b/00000000b)
(128steps/1 index) × (20index (10100b-10000b)) +256steps = 2816steps.
The transition term of up and down depend on 2fso clock.
Therefore, in case of fso=48kHz, T=1/2fso=10.416µsec/step, transition term are following.
From Maximum value (10100b/11111111b) to Minimum value (00000b/00000000b) : 2816T=29.333msec.
From 0dB value (10000b/10000000b) to Minimum value (00000b/0000000b) : 2304T=24msec
6dB transition term (when over 00000b/10000000b (=-96dB) value ) : 128T=1.333msec.
• Soft Attenuate.
Transition from older Gain Attenuation to newer Gain Attenuation always operates with Soft Mute function.
For example, in case of Gain1 > Gain3 > Gain2, transition process is shown below.
At first, GAIN1 is operated, then second, GAIN2 is operated.
In case that GAIN2 is operated faster than GAIN1 of transition completion (refer to "A" situation in figure)
GAIN1 is ignored and data approaches at GAIN2.
Further, GAIN3 is operated faster than GAIN2 of transition completion( Refer to "B" or "C" situation in figure),
GAIN2 is ignored and data approaches at GAIN3.
A
(GAIN1)
(GAIN3)
(GAIN2)
B
C
1.0
0
-1.0
t
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com