Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 19Page - Renesas Technology Corp M65818AFP Datasheet HTML 20Page - Renesas Technology Corp M65818AFP Datasheet HTML 21Page - Renesas Technology Corp M65818AFP Datasheet HTML 22Page - Renesas Technology Corp M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 23 of 38
(5)BFVdd, BFVss
58 68
These pins are Power supply and GND for input/output buffer (3.3V/5V ). In a case that BFVdd pin
is applied at 5.0V, input/output voltage level of 34-67pins becomes 5.0V signal level. In another case
that BFVdd pin is supplied at 3.3V, input/output pins (34-67 pins) becomes 3.3V signal level.
5.18. Power sequences
System power-on sequencing
* Refer to following figure.
System power-on sequencing
* Refer to following figure.
X
X
X
X
X
Power( Vddxxx,XVdd,
XOVdd, DVdd, BFVdd)
Master clock
( XfsoIN, XfsiIN)
INIT
SCDT
SCSHIFT
SCLATCH
Over 5msec(*1)
Over 0sec(*2)
Over 2/fso(*3)
Power ON
Power OFF
*1 After a power supply and Master clock become to stable,
INIT pin must be "L" over 5 msec.
*2 Data transfer is possible right after
INIT release.
*3 Until
SCLATCH is operated, a period over 2/fso ( fso=48kHz, over 42usec ) is necessary after INIT
release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com