Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp M65818AFP Datasheet HTML 11Page - Renesas Technology Corp M65818AFP Datasheet HTML 12Page - Renesas Technology Corp M65818AFP Datasheet HTML 13Page - Renesas Technology Corp M65818AFP Datasheet HTML 14Page - Renesas Technology Corp M65818AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 11 of 38
5.2. SCDT, SCSHIFT, SCLATCH
38 37 36
SCDT,SCSHIFT,and SCLATCH are input pins for setting M65818AFP's operation.
Input format of SCDT, SCSHIFT and SCLATCH is shown below.
• Input format of SCDT, SCSHIFT, and SCLATCH.
bit1
SCDT
SCSHIFT
SCLATCH
1
5
10
15
20
24
• Mode Setting
The operating Mode are classified in four and assigned by bit1and bit2. These four functions are shown below.
(bit1 and bit2 ) = ( "L" and "L" ) Gain control mode: Gain control.
(bit1 and bit2 ) = ( "L "and "H" ) System1 Mode: Primary block initialization, etc.
(bit1 and bit2 ) = ( "H" and "L" ) System2 Mode : Secondary block initialization, etc.
(bit1 and bit2 ) = ( "H" and "H" ) Test mode ( setting prohibition )
Refer to Chapter 6 about these four setting in detail.
5.3. DATA, BCK, LRCK
43 44 45
DATA, BCK and LRCK are input pins under condition of `Normal ` mode.
Input formats are supported by following 4 ways, and are set by Serial Control, "System1 Mode, bit3 and bit4".
Input data length are selectable in the case of "MSB First Right Justified"
(Serial Control "System1 Mode, bit5, 6").
and Input Signal Sampling Rate(1/2/4fsi) are set by Serial Control,"System1 Mode, bit7,8"
Input formats are shown in following figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com