Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 3Page - Renesas Technology Corp M65818AFP Datasheet HTML 4Page - Renesas Technology Corp M65818AFP Datasheet HTML 5Page - Renesas Technology Corp M65818AFP Datasheet HTML 6Page - Renesas Technology Corp M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp M65818AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 7 of 38
Pin
No.
Name
I/O
Description
Output
Current
5V/3.3V
Signal Level
41
INIT
I
Initialize Input(Power Supply Reset): ;
L:Reset, H:Release
5V/3.3V
42
SYNC
I
Synchronous Set of System Clock (at Rising
Edge)
5V/3.3V
43
DATA
I
DATA Input (CD/MD / DVD audio mode)
PCM Signal
5V/3.3V
44
BCK
I
BCK Input (CD/MD / DVD audio mode) PCM
Signal
5V/3.3V
45
LRCK
I
LRCK Input (CD/MD / DVD audio mode)
PCM Signal
5V/3.3V
46
FsiI
I
Primary Fsi Clock Input (SACD mode)
5V/3.3V
47
DSD128Fs
I/O
SACD Interface Clock(128Fs)
2mA/1.5mA
5V/3.3V
48
DSD64Fs
I/O
SACD Interface Clock(64Fs)
2mA/1.5mA
5V/3.3V
49
DSDR
I
SACD Rch Data Input
5V/3.3V
50
DSDL
I
SACD Lch Data Input
5V/3.3V
51
DSDCKSEL1
I
SACD Interface Selection 1
5V/3.3V
52
DSDCKSEL2
I
SACD Interface Selection 2
5V/3.3V
53
DSDCKIO
I
I/O Selection for SACD(64Fs,128Fs)Clock
L:input,H:output
5V/3.3V
54
TEST1
I
TEST1 must be connected to GND.
5V/3.3V
55
TEST2
I
TEST2 must be connected to GND.
5V/3.3V
56
CKCTL1
I
fso System Clock(CKOUT1,2,3) Output
Selection 1
5V/3.3V
57
CKCTL2
I
fso System Clock(CKOUT1,2,3) Output
Selection 2
5V/3.3V
58
BFVdd
Power Supply for Input/Output
(3.3V/5V)Buffer

59
EXIOSEL
I
8Fs Data Input/Output Selection L:Input
H:Output
5V/3.3V
60
EXDATAL
I/O
8Fs Data Lch
2mA/1.5mA
5V/3.3V
61
EXDATAR
I/O
8Fs Data Rch
2mA/1.5mA
5V/3.3V
62
EXBCK
I/O
BCK for 8fs Data (32BCK=1WCK)
2mA/1.5mA
5V/3.3V
63
EXWCK
I/O
Word Clock for 8fs Data (1WCK=32BCK)
2mA/1.5mA
5V/3.3V
64
XfsiIN
I
Primary Master Clock Input (256fsi/512fsi)
5V/3.3V
65
CKOUT1
O
fso System Clock Output 1
4mA/3mA
5V/3.3V
66
CKOUT2
O
fso System Clock Output 2
4mA/3mA
5V/3.3V
67
CKOUT3
O
fso System Clock Output 3
4mA/3mA
5V/3.3V
68
BFVss
GND for Digital Block Input/Output Buffer

69
DVss
GND for Digital Block

70
TEST3
I
TEST3 must be connected to GND.
3.3V
71
OFLFLAG
O
Overflow Detector Flag of Digital Operation
(H :Active)
2mA
3.3V
72
SFLAG
O
Asynchronous Flag (H :Active)
2mA
3.3V
73
FsoCKO
O
Secondary Fso Clock Output
4mA
3.3V
74
FsoI
I
Secondary Fso Clock Input
3.3V
75
DVdd
Power Supply for Digital Block(3.3V)

76
XOVdd
Power Supply for Secondary Master Clock
Buffer(5V)




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com