Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 18Page - Renesas Technology Corp M65818AFP Datasheet HTML 19Page - Renesas Technology Corp M65818AFP Datasheet HTML 20Page - Renesas Technology Corp M65818AFP Datasheet HTML 21Page - Renesas Technology Corp M65818AFP Datasheet HTML 22Page - Renesas Technology Corp M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 22 of 38
5.13. NSPMUTE
39
NSPMUTE pin is input to make for PWM output to 50% duty mute.
"L": PWM output 50% duty Mute. '"H": Mute release.
5-14. PGMUTE
40
PGMUTE pin is input to make PWM output to absolute zero mute.
"L": PWM output mute.
The case of System1 mode:bit24,PWMHP = "L"
OUTL1 (+), OUTL2 (+), OUTR1 (+), OUTR2 (+) : "L" fixed
OUTL1 (-), OUTL2 (-), OUTR1 (-), OUTR2 (-) : "H" fixed
The case of System1 mode:bit24,PWMHP = "H"
OUTL1 (+), OUTL2 (+), OUTR1 (+), OUTR2 (+) ,OUTL1(-),OUTR1(-) : "L" fixed
OUTL2 (-), OUTR2 (-) : "H" fixed
"H": MUTE release.
5.15 INIT
41
INIT is the pin for reset to all functions of M65818AFP.
"L" level : (1). Clear of data memory. (2). Initialization of Serial Control.
(3). PWM output Duty 50 %.
"L" period needs more than 5 msec.
"H" level : usual operation.
"L">"H" rise edge: Resynchronization treatment, which is same at SYNC function.
5.16. TEST1, TEST2, TEST3
TEST1,TEST2, and TEST3 pins are test input for factory shipping test of M65818AFP.
TEST1,TEST2, and TEST3 pins must be tied to "L" level on usual operation.
5.17. Power Supply and GND
Power supply and GND routes have 5 isolated lines.
(1)VddL1+, VssL1+, VddL1-, VssL1-, VddL2+, VssL2+, VddL2-, VssL2-, VddR1+, VssR1+, VddR1-, VssR1-,
VddR2+, VssR2+, VddR2-, VssR2-, VssL, VddL, VssR, VddR
These pins are Power supply and GND for PWM output buffer block.
It has a pair of independent Power Supply, and GND to each 8 output pin. Power Supply voltage must be fixed at 5.0V.
(2)XVdd, XVss
27 29 30
These pins are Power supply and GND for XfsoIN clock input block.
Power Supply voltage must be fixed at 5.0V.
(3)XOVdd, XOVss
76 78
These pins are Power supply and GND for XfsoOUT clock output block.
Power Supply voltage must be fixed at 5.0V.
(4)DVdd, DVss
75 69
These pins are Power supply and GND for digital block and fixed input/output
buffer only for 3.3V (32,70-74 pins). Power Supply voltage must be fixed at 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com