Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp M65818AFP Datasheet HTML 11Page - Renesas Technology Corp M65818AFP Datasheet HTML 12Page - Renesas Technology Corp M65818AFP Datasheet HTML 13Page - Renesas Technology Corp M65818AFP Datasheet HTML 14Page - Renesas Technology Corp M65818AFP Datasheet HTML 15Page - Renesas Technology Corp M65818AFP Datasheet HTML 16Page - Renesas Technology Corp M65818AFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 13 of 38
In case an external 8fs data input is primary side synchronous , the data is inputted to Sampling Rate Converter Block.
When "input signal mode" is except a "external 8fs data mode", the output data of sampling rate converter are outputted
from EXDATAL,EXDATAR pins setting up EXIOSEL pin into "H".
When "input signal mode" is except a "external 8fs data mode", EXBCK, EXWCK, EXDATAL, EXDATAR pins
serve as input terminals by setting up EXIOSEL pin into "L" .
Therefore, when not using "external 8fs data mode", EXIOSEL can be set to "L" and other four pins (EXBCK,
EXWCK, EXDATAL, EXDATAR) can be fixed to "L" or "H".
EXDATAL,EXDATAR,EXBCK, and EXWCK pin's input/output format is following figure.
Input Signal Mode
EXIOSEL
pin
EXMODE
Flag
EXWCK,EXBCK,EXDATAL,EXDATAR
Input / Output
L
Secondary Side Synchronous 8fs Data Input
(24 bit effective)
"External 8fs Mode"
(MODE1,2=L,H)
X
H
Primary Side Synchronous 8fs Data Input
(Upper 20bit effective)
L
Input ("L" or "H" fixed)
Except "External 8fs
Mode"
(Except MODE1,2=L,H)
H
X
Internal Sampling Rate Converter Output
•
EXDATAL, EXDATAR, EXBCK, and EXWCK input/output format
MSB first left justified (24bit)
0
1
7
8
23
EXDATAL
/EXDATAR
9
20
21
22
EXWCK
EXBCK
MSB
LSB
8fs
256fs
5.5. DSDL, DSDR, DSD128Fs, DSD64Fs, DSDCKSEL1, DSDCKSEL2, DSDCKIO
50 49 47 48 51 52 53
When "input signal mode" is "SACD-fsi Mode" or "SACD-fso Mode", the data is inputted to DSDL,DSDR pins.
Under `SACD-fsi ` mode, the clock of a Down Sampling Filter is given from a primary side, and down sampled data
are inputted into the Sampling Rate Converter block.
Under `SACD-fso ` mode, the clock of a Down Sampling Filter is given from a *secondary side, and down sampled
data a inputted into the Gain Control block.
The states of DSDCKSEL1,DSDCKDEL2 pins select 4 "SACD timing mode".
DSDCKIO pin select input or output pin-type of DSD128Fs/DSD64Fs clock for data fetch.
The relations of DSDCKSEL1 and DSDCKSEL2 pins and SACD input format mode setting are following figures.
DSDCKSEL1
DSDCKSEL2
SACD timing mode
L
L
mode1
L
H
mode2
H
L
mode3
H
H
mode4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com